PART |
Description |
Maker |
PE3C0056 |
SMA Male Right Angle to TNC Female Bulkhead Cable Using LMR-195 Coax
|
Pasternack Enterprises, Inc...
|
0192520125 N-06-18-9-M-LC |
154.94mm (6.100) Natural Cable Tie, 18 Pound Tensile Strength 154.94mm (6.100") Natural Cable Tie, 18 Pound Tensile Strength
|
Molex Electronics Ltd.
|
0732761320 |
50 Ohms, N Jack Bulkhead for LMR-195 Cable
|
Molex Electronics Ltd.
|
0192520143 N-14-40-9-C-LC |
368.30mm (14.500) Natural Cable Tie, 40 Pound Tensile Strength, 100/Bag 368.30mm (14.500") Natural Cable Tie, 40 Pound Tensile Strength, 100/Bag
|
Molex Electronics Ltd.
|
0192520137 N-05-40-9-C-LC |
149.86mm (5.900) Natural Cable Tie, 40 Pound Tensile Strength, 100/Bag 149.86mm (5.900") Natural Cable Tie, 40 Pound Tensile Strength, 100/Bag
|
Molex Electronics Ltd.
|
N-07-50-MH-9-M-LC |
203.20mm (8.000) Natural Cable Tie, 50 Pound Tensile Strength, #10 Mounting Hole1000/Bag 203.20mm (8.000") Natural Cable Tie, 50 Pound Tensile Strength, #10 Mounting Hole1000/Bag
|
Molex Electronics Ltd.
|
IRFSL3004PBF IRFS3004PBF IRFB3004PBF IRFS3004TRL I |
HEXFET Power MOSFET 195 A, 40 V, 0.00175 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA 195 A, 40 V, 0.00175 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB High Efficiency Synchronous Rectification in SMPS
|
International Rectifier http://
|
TBC23-12EGWA |
58mm (2.3 INCH) 8x8 DOT MATRIX DISPLAY
|
Kingbright Corporation. KINGBRIGHT[Kingbright Corporation] Kingbright Electronic
|
TBA23-12EGWA |
58mm (2.3 INCH) 8x8 DOT MATRIX DISPLAY
|
Kingbright Corporation
|
TC23-11EWA |
58mm (2.3 INCH) 8x8 DOT MATRIX DISPLAY
|
Kingbright Corporation
|
BYW95A BYW95B BYW95C |
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES Belden Shielded Plenum Multi-Conductor Cable, Wire Size: 18 AWG, Number of Conductors: 2, Length: 1000 feet, Conductor Material: Bare Copper, Shielding: Beldfoil, Jacket: Natural Flamarrest Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:30pF/ft; Conductor Material:Copper RoHS Compliant: Yes
|
EIC discrete Semiconduc... EIC[EIC discrete Semiconductors] Electronics Industry Public Company Limited
|